PART |
Description |
Maker |
LT6402IUD-12 LT6402IUD-12-PBF LT6402IUD-12-TR LT64 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
|
Linear Technology
|
LTC6400-26 LTC6400CUD-26-PBF LTC6400CUD-26-TRPBF L |
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology
|
LTC6400-14 LTC6400CUD-14-PBF LTC6400CUD-14-TRPBF L |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
MAX2640AUTT MAX2640EUTT MAX2640EUT-T MAX2641EUTT M |
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
|
Maxim Integrated Products
|
R3005250L |
Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
LT6402CUD-20TR LT6402-20-15 |
300MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 12dB); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16
|
Linear Technology, Corp.
|
MAX1472AKAT MAX147210 |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
|
http:// Maxim Integrated Products
|
MAX4270 MAX4270EEE MAX4270ESD MAX4265 MAX4266 MAX4 |
Ultra-Low-Distortion Single-Supply 300MHz Op Amps with Enable Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable Ultra-Low-Distortion / Single-Supply / 300MHz Op Amps with Enable
|
MAXIM[Maxim Integrated Products] Maixm
|
MAX147909 |
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
|
Maxim Integrated Products
|
MAX4147 MAX4147ESD |
300MHz, Low-Power, High-Output-Current, Differential Line Driver 300MHz / Low-Power / High-Output-Current / Differential Line Driver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SBFP540M |
Ultrahigh-Frequency Transistors UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
|
Sanyo Semicon Device
|
ISL6566CR ISL6566IR ISL6566CRZ |
Single Output LDO, 500mA, Adj. (1.3 to 6.5V), Low Noise 8-SOIC -40 to 125 Dual Low-Noise Wide-Bandwidth Precision Amplifier 8-TSSOP -40 to 85
|
Intersil Corporation
|